Part Number Hot Search : 
0H473 C144E 2501X 035PT MM1124B DFLS140L 035CT ACTF4008
Product Description
Full Text Search
 

To Download VP0645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om LETE .c - OBSO 4U et he P-Channel Enhancement-Mode S Vertical DMOS FETs ta a D Information Ordering . w w w
BVDSS / BVDGS -450V -500V
- VP0645
VP0650
MIL visual screening available
High Reliability Devices
See pages 5-4 and 5-5 for MILITARY STANDARD Process Flows and Ordering Information.
Features
Ease of paralleling
Free from secondary breakdown Low power drive requirement
Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode
High input impedance and high gain
Complementary N- and P-channel devices
Applications
Motor controls Converters Amplifiers Switches
Power supply circuits
m o .c U t4 e e h S ta a .D w w w
TO-39 TO-92 -- TO-220 -- 30 30 -0.2A -0.2A VP0645N2 -- VP0650N3 VP0650N5
RDS(ON) (max)
ID(ON) (min)
Order Number / Package
Die VP0645ND VP0650ND
7
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
9
Package Options
Drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.)
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds. 7-245 BVDSS BVDGS 20V -55C to +150C 300C
Note: See Package Outline section for dimensions.
om .c 4U et TAB: DRAIN e Sh ta TO-39 a Case: DRAIN D . w w w
GD S
TO-220
DGS
SGD
TO-92
VP0645/VP0650
Thermal Characteristics
Package TO-92 TO-39 TO-220 ID (continuous)* -0.1A -0.25A -0.25A ID (pulsed) -0.3A -0.5A -0.5A Power Dissipation @ TC = 25C 1W 6W 45W
jc
ja
IDR* -0.1A -0.25A -0.25A
IDRM -0.3A -0.5A -0.5A
C/W
125 21 2.7
C/W
170 125 70
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current VP0650 VP0645 Min -500 -450 -2 -4 -4.8 -100 -10 -1 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current -200 Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 300 50 125 95 50 10 160 75 20 10 10 20 15 -1.8 V ns VGS = 0V, ISD = -50mA VGS = 0V, ISD = -50mA ns VDD = -25V ID = -200mA RGEN = 25 pF VGS = 0V, VDS =- 25V f = 1 MHz -200 -700 27 22 30 0.75 %/C m V mV/C nA A mA mA Typ Max Unit V Conditions VGS = 0V, ID = -2mA VGS = VDS, ID = -2mA VGS = VDS, ID = -2mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = -5V, VDS = -25V VGS = -10V, VDS = -25V VGS = -5V, ID = -100mA VGS = -10V, ID = -100mA VGS = -10V, ID = -100mA VDS = -25V, ID = -100mA
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
LETE - Switching Waveforms and Test Circuit OBSO -
0V
10%
INPUT
-10V
PULSE GENERATOR
Rgen
90%
t(ON)
t(OFF) tr td(OFF) tF
INPUT
td(ON)
0V
90% OUTPUT
VDD
90% 10%
10%
7-246
D.U.T. OUTPUT RL
VDD
Typical Performance Curves
Output Characteristics
-1.0
ETE - OBSOL -
-0.5 -0.4
VP0645/VP0650
Saturation Characteristics
-0.8 VGS = -10V
VGS = -10V
ID (amperes)
ID (amperes)
-0.6 -8V -0.4 -6V -0.2 -4V 0 0 -10 -20 -30 -40 -50
-0.3
-6V
-0.2
-0.1
-4V
0 0 -2 -4 -6 -8 -10
7
VDS (volts) Transconductance vs. Drain Current
0.5 50 TO-220 0.4
VDS (volts) Power Dissipation vs. Case Temperature
VDS -25V VDS ==-25V TA= -55C
40
9
GFS (siemens)
TA = 25C
0.2
PD (watts)
0.3
30
TA = 125C
0.1
20
10 TO-39 TO-92
0 0 -0.1 -0.2 -0.3 -0.4 -0.5
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
-1.0 TO-39 (pulsed) TO-220 (DC) TO-39 (DC) 1.0
TC (C) Thermal Response Characteristics
TO-220 P D = 45W T C = 25C
Thermal Resistance (normalized)
0.8
ID (amperes)
-0.1 TO-92 (DC)
0.6
TO-39 P D = 6W T C = 25C
0.4
-0.01
0.2
TO-92 P D = 1W T C = 25C
0.01 0.1 1.0 10
T C = 25C -0.001 -1 -10 -100 -1000 0 0.001
VDS (volts)
tp (seconds)
7-247
Typical Performance Curves
BVDSS Variation with Temperature
1.1
LETE - - OBSO
50 40
VP0645/VP0650
On-Resistance vs. Drain Current
VGS = -5V VGS = -10V
BVDSS (normalized)
RDS(ON) (ohms)
30
1.0
20
10 0.9 0 -50 0 50 100 150 0 -0.2 -0.4 -0.6 -0.8 -1.0
Tj (C) Transfer Characteristics
-1.0
ID (amperes) V(th) and RDS Variation with Temperature
2.0
VDS = -25V
-0.8
1.2
RDS(ON) @ -10V, -0.1A
VGS(th) (normalized)
1.1
-0.6
TA = 25C
-0.4
1.0
1.0
0.9
-0.2
TA = 150C
0.8
V(th) @ -2mA
0
0 0 -2 -4 -6 -8 -10 -50 0 50 100 150
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 -10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 150
VDS = -10V VDS = -40V
C (picofarads)
VGS (volts)
-6
100
CISS
250 pF
-4
COSS
50 -2
90 pF
CRSS
0 0 -10 -20 -30 -40 0 0 0.5 1.0 1.5 2.0 2.5
VDS (volts)
QG (nanocoulombs)
7-248
RDS(ON) (normalized)
TA = -55C
ID (amperes)


▲Up To Search▲   

 
Price & Availability of VP0645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X